PART |
Description |
Maker |
MAZ2056-A MAZ2051-A MA2360 MA2220 MA2560 MAZ2200-B |
PT 23C 2#16,21#20 SKT PLUG Silicon planar type 33.93 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 12.25 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 5.5 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.8 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.225 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 硅平面型 Silicon planar type 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 17.4 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 24.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
Panasonic Corporation Panasonic, Corp.
|
USF5J48 SF5G48 SF5J48 USF5G48 |
THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS TOSHIBA THYRISTOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
S6A13 |
Thyristor Silicon Planar Type Condenser Discharge Control Applications TOSHIBA Thyristor Silicon Planar Type
|
Toshiba Semiconductor
|
MAZ8033 MAZ8024 MAZ8027 MAZ8030 MAZ8036 MAZ8039 MA |
MAZ8xxx Series (MA8000 Series) Silicon planar type Silicon planar type For stabilization of power supply
|
Panasonic Semiconductor
|
MAZ7360 MAZ7150 MAZ7220 MAZ7220-A MAZ7220-B MAZ705 |
Silicon planar type Silicon planar type 26.05 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 47 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 56 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 12.25 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 (MAZ7000 Series) Silicon planar type
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
UP04314 |
Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
|
PANASONIC[Panasonic Semiconductor]
|
UP04314 |
Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
|
Panasonic Semiconductor
|
DMG20402 |
Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
|
Panasonic Semiconductor
|
XN0A312G |
Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
|
Panasonic
|
MT3S06S |
TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
UP04315 |
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|